Part Number Hot Search : 
NTE1838 Y6215 GBL2J C3332 MOB51DRH RF100 T5001 2W47RJ
Product Description
Full Text Search
 

To Download TO-220FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  continental device india limited data sheet page 1 of 5 t o-220fp (3 leads) thru-hole fully isolated plastic package package outline, tube packing, packaging and handling information continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company http://
continental device india limited data sheet page 2 of 5 TO-220FP fully isolated plastic package di m m in max all diminsions in mm. a b c d e f g h j 9.96 2.60 4.50 3.10 7.90 16.87 0.45 2.56 2.34 k ? l ? m ? 10 .36 3.0 0 4.9 0 3.3 0 8.2 0 17 .27 0.5 0 2.9 6 2.7 4 3.0 8 30 .05 0.8 0 a d c e f k l m j j g 1 2 3 pi n confi g urat io n 1. b a s e 2. c o ll e c tor 3. emitter 3 2 1 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
continental device india limited data sheet page 3 of 5 tube packing for TO-220FP 6.87 32.85 13.7 4 e n d pi n tube thickness de vi ce n a m e la bel 536 .00 1. 5 50 p c s . /t ub e sr . qt y . a l l d i m e ns io n s i n m m to-22 0fp 200 pc s / pol y bag 50 pc s / tub e 396 gm /200 pc s 135 gm /50 pc s 3" x 7.5" x 7.5" 3.5" x 3.7" x 21 .5" 1k 1k 17" x 15 " x 1 3 .5" 19" x 19 " x 1 9 " 16 k 10 k 36 kgs 28 kgs p ac kage net w e igh t/q ty d e ta il s s t a ndard pack i nne r cart on box qt y out e r car t o n box qty g r wt si z e si z e p ac ki ng d eta il am mo p a ck s i ze 20 t ubes/ a mmo pa ck 10 00 pcs. /a m m o p a ck label 5 3 8 . 0 0 7 5 . 0 92.0 TO-220FP package, packaging and handling
continental device india limited data sheet page 4 of 5 precautions for physical handling of power plastic t ransistors (t o-126, t o-220, t o-220fp , t o-3p) it is a fundamentally accepted fact that a higher junction operating temperature accelerates failure. circuit designers, must therefore ensure minimum temperature rise keeping in view safe operating area (soa) characteristics as well as suitable mounting on a properly designed heat sink. when mounting power transistors certain precautions must be taken in operations such as bending of leads, mounting of heat sink, soldering and removal of flux residue. if these operations are not carried out correctly, the device can be damaged or reliability compromised. 1 . bending and cutting leads the bending or cutting of the leads requires the following precautions: 1.1 when bending the leads they must be clamped tightly between the package and the bending point to avoid strain on the package (in particular in the area where the leads enter the resin). this also applies to cutting the leads (fig. 1). 1 . 2 the leads must be bent at a minimum distance of 3 mm from the package (fig. 2a). 1 . 3 the leads should not be bent at an angle of more than 90 and they must be bent only once (fig. 2b). 1 . 4 the leads must never be bent laterally (fig. 2c). 1 . 5 check that the tool used to cut or form the leads does not damage them or ruin their surface finish. 2 . mounting on printed circuit during mounting operations be careful not to apply stress to the power transistor . 2 . 1 adhere strictly to the pin spacing of the transistor to avoid forcing the leads. 2 . 2 leave a suitable space between printed circuit and transistor; if necessary use a spacer . 2 . 3 when fixing the device to the printed circuit do not put mechanical stress on the transistor . for this purpose the device should be soldered to the printed circuit board after the transistor has been fixed to the heat sink and the heat sink to the printed circuit board. 3. soldering in general a transistor should never be exposed to high temperature for any length of time. it is therefore preferable to use soldering methods where the transistor is exposed to the lowest possible temperatures for a short time. 3 . 1 t olerable conditions are 260c for 10 sec or 350c for 3 sec. the graphs in fig. 3 give an idea of the excess junction temperature during the soldering process for a t o-220. it is also important to use suitable fixes for the tin baths to avoid deterioration of the leads or of the package resin. 3.2 an excess of residual flux between the pins of the transistor or in contact with the resin can reduce the long- term reliability of the device. the solvent for removing excess fluid must be chosen with care. the use of solvents derived from tricholoroethylene is not recommended on plastic packages because the residue can cause corrosion. recommended solvents are freon or isopropyl alcohol. TO-220FP package, packaging and handling
continental device india limited data sheet page 5 of 5 disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suite d for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cd il product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for u se in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com to220fp_pkg_drawingrev151001 4 . mounting on heat sink t o exploit best the performance of power transistor a heat sink with rth suitable for the power that the transistor will dissipate must be used. TO-220FP package, packaging and handling


▲Up To Search▲   

 
Price & Availability of TO-220FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X